PART |
Description |
Maker |
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
IPD230N06NG IPD230N06NG08 |
OptiMOS庐 Power-Transistor Features For dc/dc converters and sync. rectification OptiMOS? Power-Transistor Features For dc/dc converters and sync. rectification 30 A, 60 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|
SPD07N20 SPD07N20G SPD07N2008 SPU07N20G SPD07N20GX |
SIPMOS? Power Transistor Features N channel Enhancement mode Avalanche rated SIPMOSò Power Transistor Features N channel Enhancement mode Avalanche rated 7 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Infineon Technologies AG
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
BC558 |
FEATURES
|
Olitech Electronics Co....
|
RLT360-BL-TO18 |
FEATURES AND APPLICATIONS
|
Roithner LaserTechnik G...
|
FDAP3F1 FDBP3F1 FDAP1C1 FDAP1D1 FDAP1F1 FDAP3G1 |
Distinctive features and specifications
|
List of Unclassifed Man...
|
EV-VND7140AJ |
General device features
|
STMicroelectronics
|
59085-1-T-S-A 59085-1-T-S-C 59085-1-T-S-D 59085-1- |
Vane Sensor Features and Benefits
|
HAMLIN Position and Movement Sensor Solutions
|
STK4185MK5 STK4234MK2 STK4234MK5 STK4224MK2 STK422 |
Features of the IMST Hybird ICs
|
ETC[ETC] N.A. Sanyo Semicon Device
|
UDA1343TT |
Economy audio CODEC with features
|
NXP Semiconductors
|
|